PART |
Description |
Maker |
E9321A E9322A E9323A E9325A E9326A E9327A |
E9321A E-Series Peak and Average Power Sensor, 50 MHz to 6 GHz E9322A E-Series Peak and Average Power Sensor, 50 MHz to 6 GHz E9323A E-Series Peak and Average Power Sensor, 50 MHz to 6 GHz E9325A E-Series Peak and Average Power Sensor, 50 MHz to 18 GHz E9326A E-Series Peak and Average Power Sensor, 50 MHz to 18 GHz E9327A E-Series Peak and Average Power Sensor, 50 MHz to 18 GHz
|
Agilent (Hewlett-Packard)
|
MIC4421A MIC4421AAM MIC4421ABM MIC4421ABN MIC4421A |
High peak-output current: 9A Peak (typ.) 9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
|
MIC GROUP RECTIFIERS Micrel Semiconductor
|
AAA3528EMBSGC |
3.5 x 2.8 mm surface mount LED lamp. High efficiency red (peak wavelength 627 nm).Super bright green (peak wavelength 565 nm). Blue (peak wavelength 430 nm). Lens type water clear.
|
Kingbright Electronic
|
1.5KA9.1A 1.5KA10 1.5KA10A 1.5KA11 1.5KA11A 1.5KA1 |
Automotive Transient Voltage Suppressors Breakdown Voltage 43V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 8.2V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 9.1V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 7.5V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 6.8V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 39V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 36V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 33V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 30V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 27V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 24V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 22V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 20V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 18V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 16V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 15V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 13V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 12V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 11V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors Breakdown Voltage 10V, Peak Pulse Power 1500W Automotive Transient Voltage Suppressors 汽车瞬态电压抑制器
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
STK12C68-IM STK12C68-L45IM STK12C68-L35IM STK12C68 |
NVRAM (EEPROM Based) NVRAM中(EEPROM的基础 Fuse Holder; Mounting Type:PC Board; Body Material:Thermoplastic; Contact Material:Beryllium Copper; Contact Plating:Tin; Current Rating:3.5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154 Fuse Holder; Mounting Type:PC Board; Body Material:Thermoplastic; Contact Material:Beryllium Copper; Contact Plating:Tin; Current Rating:1.5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154 Fuse Holder; Mounting Type:PC Board Surface Mount; Body Material:Thermoplastic; Contact Material:Beryllium Copper; Contact Plating:Tin; Current Rating:1.5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes Fuse Holder; Body Material:Thermoplastic; Current Rating:3A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154; Contact Material:Beryllium Copper; Contact Plating:Tin; Mounting Type:PC Board RoHS Compliant: Yes Fuse Holder; Body Material:Thermoplastic; Current Rating:5A; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Series:154; Contact Material:Beryllium Copper; Contact Plating:Tin; Mounting Type:PC Board RoHS Compliant: Yes FUSE 5A LITTLEFUSE 154005 CMOS nvSRAM 8K x 8 AutoStore Nonvolatile Static RAM Industrial Temperature/Military Screen
|
N.A. ETC[ETC] List of Unclassifed Manufacturers
|
ASS-ASC |
Surface Mount Auto Surge Suppressor Working Peak Reverse Voltage - 3 to Volts 10000 Watt Peak Pulse Power
|
StarHope
|
ASM3P2853A ASM3P2853A_V0.7 ASM3P2853AF-08-ST ASM3P |
Peak EMI Reducing Solution From old datasheet system The el-EMI-nator? Series for Low-Power
|
ALSC[Alliance Semiconductor Corporation]
|
ASM3P2107AG-08-TT ASM3P2107A ASM3P2107A-08-SR ASM3 |
AT Series Toggle Switch, 2 pole, 2 position, Solder T2 type terminal, Standard Lever Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT08; Number of Contacts:23; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Right Angle Plug 22 MHz, OTHER CLOCK GENERATOR, PDSO8 Peak EMI Reducing Solution 22 MHz, OTHER CLOCK GENERATOR, PDSO8
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
MIC4681 MIC4681BM |
2A-Peak SuperSwitcher?/a> SOP-8 Buck Regulator 2A-peak Current SuperSwitcherTM Buck Regulator 2A-Peak SuperSwitcher SOP-8 Buck Regulator 2A-Peak SuperSwitcher⑩ SOP-8 Buck Regulator 2A-Peak SuperSwitcherSOP-8 Buck Regulator
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc.
|
BT138F-600 BT138F |
600V Vdrm 12A Triac, 1.65V Peak On-State Voltage, 2.0mA Repetitive Peak Off-State Current Bi-Directional Triode Thyristor
|
SEMIWELL[SemiWell Semiconductor]
|
APTB1615EYC |
1.6 x 1.5 mm bi-color SMD chip LED lamp. High efficiency red (peak wavelength 627 nm), yellow (peak wavelength 590 nm). Lens type water clear.
|
Kingbright Electronic
|
ASM3P2759AG-08TT ASM3I2759A-06OR ASM3I2759A-08SR A |
Low Power Peak EMI Reducing Solution 6 MHz, OTHER CLOCK GENERATOR, PDSO6 Low Power Peak EMI Reducing Solution 6 MHz, OTHER CLOCK GENERATOR, PDSO8 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Octal Bus Transceivers With 3-State Outputs 20-TVSOP -40 to 85 Octal Bus Transceivers With 3-State Outputs 20-SSOP -40 to 85 LJT 21C 21#16 SKT PLUG Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|